Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92141 Fiches technique(PDF) 125 Page - STMicroelectronics

No de pièce ST92141
Description  8/16-BIT MCU FOR 3-PHASE AC MOTOR CONTROL
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92141 Fiches technique(HTML) 125 Page - STMicroelectronics

Back Button ST92141 Datasheet HTML 121Page - STMicroelectronics ST92141 Datasheet HTML 122Page - STMicroelectronics ST92141 Datasheet HTML 123Page - STMicroelectronics ST92141 Datasheet HTML 124Page - STMicroelectronics ST92141 Datasheet HTML 125Page - STMicroelectronics ST92141 Datasheet HTML 126Page - STMicroelectronics ST92141 Datasheet HTML 127Page - STMicroelectronics ST92141 Datasheet HTML 128Page - STMicroelectronics ST92141 Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 179 page
background image
125/179
ST92141 - 3-PHASE INDUCTION MOTOR CONTROLLER (IMC)
INDUCTION MOTOR CONTROLLER (Cont’d)
7.4.8 Register Description
TACHO CAPTURE REGISTER HIGH (TCPTH)
R240 - Read Only
Register Page: 51
Reset Value: undefined
Bit 7:0 = TCH[7:0]
Most Significant Byte of Tacho
Capture register.
TACHO CAPTURE REGISTER LOW (TCPTL)
R241 - Read Only
Register Page: 51
Reset Value: undefined
Bit 7:0 = TCL[7:0]
Low Byte of Tacho Capture reg-
ister.
TACHO COMPARE REGISTER (TCMP)
R242 - Read/Write
Register Page: 51
Reset Value: 1111 1111 (FFh)
Bit 7:0 = TCM[7:0]
Byte of Tacho Compare regis-
ter.
When the Most Significant Byte of the Tacho
Counter reaches TCMP value, the Tacho Counter
is cleared and an OTC interrupt is generated both
in Continuous and One Shot mode.
70
TCH7 TCH6 TCH5 TCH4 TCH3 TCH2 TCH1 TCH0
70
TCL7 TCL6 TCL5 TCL4 TCL3 TCL2 TCL1 TCL0
70
TCM7 TCM6 TCM5 TCM4 TCM3 TCM2 TCM1 TCM0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More