Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7SCR1R4 Fiches technique(PDF) 101 Page - STMicroelectronics

No de pièce ST7SCR1R4
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR1R4 Fiches technique(HTML) 101 Page - STMicroelectronics

Back Button ST7SCR1R4 Datasheet HTML 94Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 95Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 96Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 97Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 98Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 99Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 100Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 101Page - STMicroelectronics ST7SCR1R4 Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 102 page
background image
ERRATA SHEET
101/102
20.7 I/O PORT INPUT HIGH LEVEL (VIH)
The VIH min value is 0.8*VDD and not 0.7*VDD as specified for the final silicon.
21 DEVICE MARKING
Figure 51. Revision Marking on Box Label and Device Marking
22 ERRATA SHEET REVISION HISTORY
Revision
Main Changes
Date
1.2
Updated Section 20.5 "SUPPLY CURRENT IN HALT MODE (SUSPEND) Limi-
tations" on page 100
Added Section 20.6 "Start-UP" on page 100
03/13/03
TYPE xxxx
Internalxxx$xx
Trace Code
LAST 2 DIGITS AFTER $
IN INTERNAL SALES TYPE
INDICATE SILICON REV.
LAST LETTER OF TRACE CODE
ON DEVICE INDICATES
SILICON REV.
ON BOX LABEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More