| Moteur de recherche de fiches techniques de composants électroniques |
|
ST72F262G2M6 Fiches technique(PDF) 127 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F262G2M6 Fiches technique(HTML) 127 Page - STMicroelectronics |
|
127 / 171 page ![]() ST72260G, ST72262G, ST72264G 127/171 13.4 SUPPLY CURRENT CHARACTERISTICS The following current consumption specified for the ST7 functional operating modes over temperature range does not take into account the clock source current consumption. To get the total device consump- tion, the two current values must be added (except for HALT mode for which the clock is stopped). 13.4.1 RUN, SLOW, WAIT and SLOW WAIT Modes TA = -40 to +85°C unless otherwise specified Figure 66. Typical IDD in RUN at TA=25°C Figure 67. Typical IDD in SLOW at TA=25°C Figure 68. Typical IDD in WAIT at TA=25°C Figure 69. Typ. IDD in SLOW-WAIT at TA=25°C Notes: 1. Data based on characterization results, tested in production at VDD max. and fCPU max. 2. Program executed from RAM, CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square wave, CSS and LVD disabled. 3. All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock input (OSC1) driven by external square wave, CSS and LVD disabled. 4. Data based on characterization results, not tested in production. Symbol Parameter Conditions Max Unit ∆I DD( ∆Ta) Supply current variation vs. temperature Constant VDD and fCPU 10 % Symbol Parameter Conditions Typ Max Unit IDD Supply current in RUN mode 2) (see Figure 66) VDD=5.5V,fOSC=16MHz, fCPU=8MHz VDD=2.7V, fOSC=8MHz, fCPU=4MHz 7.2 3.5 111) 5.254) mA Supply current in SLOW mode 3) (see Figure 67) VDD=5.5V, fOSC=16MHz, fCPU=500kHz VDD=2.7V, fOSC=8MHz, fCPU=250MHz 0.7 0.38 1.21) 0.64) Supply current in WAIT mode 2) (see Figure 68) VDD=5.5V,fOSC=16MHz, fCPU=8MHz VDD=2.7V, fOSC=8MHz, fCPU=4MHz 3.6 1.8 5.551) 34) Supply current in SLOW WAIT mode 3) (see Figure 69) VDD=5.5V, fOSC=16MHz, fCPU=500kHz VDD=2.7V, fOSC=8MHz, fCPU=250MHz 0.45 0.25 11) 0.54) 0 1 2 3 4 5 6 7 8 9 10 2.53 3.54 4.555.5 6 6.5 Vdd (V) Fosc=16MHz Fosc=8MHz Fosc=4MHz Fosc=2MHz 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 2.5 3 3.5 4 4.5 5 5.5 6 6.5 Vdd(V) Fosc=16MHz Fosc=8MHz Fosc=4MHz Fosc=2MHz 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 2.53 3.5 4 4.55 5.56 6.5 Vdd(V) Fosc=16MHz Fosc=8MHz Fosc=4MHz Fosc=2MHz 0 0.1 0.2 0.3 0.4 0.5 0.6 2.5 3 3.5 4 4.5 5 5.5 6 6.5 Vdd(V) Fosc=16MHz Fosc=8MHz Fosc=4MHz Fosc=2MHz |