Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72521 Fiches technique(PDF) 203 Page - STMicroelectronics

No de pièce ST72521
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72521 Fiches technique(HTML) 203 Page - STMicroelectronics

Back Button ST72521 Datasheet HTML 199Page - STMicroelectronics ST72521 Datasheet HTML 200Page - STMicroelectronics ST72521 Datasheet HTML 201Page - STMicroelectronics ST72521 Datasheet HTML 202Page - STMicroelectronics ST72521 Datasheet HTML 203Page - STMicroelectronics ST72521 Datasheet HTML 204Page - STMicroelectronics ST72521 Datasheet HTML 205Page - STMicroelectronics ST72521 Datasheet HTML 206Page - STMicroelectronics ST72521 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 211 page
background image
ST72521
203/211
DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.3 DEVELOPMENT TOOLS
STMicroelectronics offers a range of hardware
and software development tools for the ST7 micro-
controller family. Full details of tools available for
the ST7 from third party manufacturers can be ob-
tain from the STMicroelectronics Internet site:
ª http//mcu.st.com.
Tools from these manufacturers include C compli-
ers, emulators and gang programmers.
ST Emulators
The emulator is delivered with everything (probes,
TEB, adapters etc.) needed to start emulating the
devices. To configure the emulator to emulate dif-
ferent ST7 subfamily devices, the active probe for
the ST7 EMU3 can be changed and the ST7EMU3
probe is designed for easy interchange of TEBs
(Target Emulation Board). See Table 29 for more
details.
14.3.1
Socket
and
Emulator
Adapter
Information
For information on the type of socket that is sup-
plied with the emulator, refer to the suggested list
of sockets in Table 30.
Note: Before designing the board layout, it is rec-
ommended to check the overall dimensions of the
socket as they may be greater than the dimen-
sions of the device.
For footprint and other mechanical information
about these sockets and adapters, refer to the
manufacturer’s datasheet (www.yamaichi.de for
TQFP64 10 x 10 and TQFP80 14 x 14 and
www.cabgmbh.com for TQFP64 14 x 14,)
Table 29. STMicroelectronics Development Tools
Note:
1. Flash Programming interface for FLASH devices.
Table 30. Suggested List of Socket Types
Supported Products
ST7 Evaluation
Board
ST7 Emulator
Active Probe &
T.E.B.
ST7 Programming Board
ST72521(A)R, ST72F521(A)R
ST72521M, ST72F521M
ST7MDT2-TRAIN/
EU ST7MDT2-
TRAIN/US
ST7MDT2-TRAIN/
UK ST7CAN-
DEMO
ST7MDT20M-
EMU3
ST7MDT20M-
TEB
ST7MDT20M-EPB/EU
ST7MDT20M-EPB/US
ST7MDT20M-EPB/UK
Device
Socket (supplied with ST7MDT20M-
EMU3)
Emulator Adapter (supplied with
ST7MDT20M-EMU3)
TQFP64 14 x14
CAB 3303262
CAB 3303351
TQFP64 10 x10
YAMAICHI IC149-064-*75-*5
YAMAICHI ICP-064-6
TQFP80 14 X 14
YAMAICHI IC149-080-*51-*5
YAMAICHI ICP-080-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More