Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9805E Fiches technique(PDF) 108 Page - STMicroelectronics

No de pièce L9805E
Description  Super smart power motor driver with 8-Bit MCU, RAM, EEPROM, ADC, WDG, Timers, PWM and H-bridge driver
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9805E Fiches technique(HTML) 108 Page - STMicroelectronics

Back Button L9805E Datasheet HTML 104Page - STMicroelectronics L9805E Datasheet HTML 105Page - STMicroelectronics L9805E Datasheet HTML 106Page - STMicroelectronics L9805E Datasheet HTML 107Page - STMicroelectronics L9805E Datasheet HTML 108Page - STMicroelectronics L9805E Datasheet HTML 109Page - STMicroelectronics L9805E Datasheet HTML 110Page - STMicroelectronics L9805E Datasheet HTML 111Page - STMicroelectronics L9805E Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 127 page
background image
Instruction Set
L9805E
108/127
Immediate:
Immediate instructions have two bytes, the first byte contains the opcode, the second byte
contains the operand value.
.
Direct (Short, Long):
In Direct instructions, the operands are referenced by their memory address, which follows
the opcode.
The direct addressing mode consists of two sub-modes:
Direct (short):
The address is a byte, thus requires only one byte after the opcode, but only allows 00 - FF
addressing space.
Direct (long):
The address is a word, thus allowing 64Kb addressing space, but requires 2 bytes after the
opcode.
Immediate Instruction
Function
LD
Load
CP
Compare
BCP
Bit Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC
Arithmetic Operations
Available Long and Short Direct Instructions
Function
LD
Load
CP
Compare
AND, OR, XOR
Logical Operations
ADC, ADD, SUB, SBC
Arithmetic Additions/Substructions operations
BCP
Bit Compare
Short Direct Instructions Only
Function
CLR
Clear
INC, DEC
Increment/Decrement
TNZ
Test Negative or Zero
CPL, NEG
1 or 2 Complement
BSET, BRES
Bit Operations
BTJT, BTJF
Bit Test and Jump Operations
SLL, SRL, SRA, RLC, RRC
Shift and Rotate Operations
SWAP
Swap Nibbles
CALL, JP
Call or Jump subroutine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More