Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72325 Fiches technique(PDF) 178 Page - STMicroelectronics

No de pièce ST72325
Description  8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325 Fiches technique(HTML) 178 Page - STMicroelectronics

Back Button ST72325_07 Datasheet HTML 174Page - STMicroelectronics ST72325_07 Datasheet HTML 175Page - STMicroelectronics ST72325_07 Datasheet HTML 176Page - STMicroelectronics ST72325_07 Datasheet HTML 177Page - STMicroelectronics ST72325_07 Datasheet HTML 178Page - STMicroelectronics ST72325_07 Datasheet HTML 179Page - STMicroelectronics ST72325_07 Datasheet HTML 180Page - STMicroelectronics ST72325_07 Datasheet HTML 181Page - STMicroelectronics ST72325_07 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 196 page
background image
178/196
13.2 THERMAL CHARACTERISTICS
Notes:
1. The maximum chip-junction temperature is based on technology characteristics.
2. The maximum power dissipation is obtained from the formula PD = (TJ -TA) / RthJA.
The power dissipation of an application can be defined by the user with the formula: PD=PINT+PPORT where PINT is
the chip internal power (IDDxVDD) and PPORT is the port power dissipation depending on the ports used in the applica-
tion.
Symbol
Ratings
Value
Unit
RthJA
Package thermal resistance (junction to ambient)
LQFP64 10x10
LQFP48 7x7
LQFP44 10x10
SDIP42
LQFP32 7x7
SDIP32
50
80
52
55
70
50
°C/W
PD
Power dissipation 1)
500
mW
TJmax
Maximum junction temperature 2)
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More