Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD512B1 Fiches technique(PDF) 143 Page - STMicroelectronics

No de pièce PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Fiches technique(HTML) 143 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 139Page - STMicroelectronics PSD512B1 Datasheet HTML 140Page - STMicroelectronics PSD512B1 Datasheet HTML 141Page - STMicroelectronics PSD512B1 Datasheet HTML 142Page - STMicroelectronics PSD512B1 Datasheet HTML 143Page - STMicroelectronics PSD512B1 Datasheet HTML 144Page - STMicroelectronics PSD512B1 Datasheet HTML 145Page - STMicroelectronics PSD512B1 Datasheet HTML 146Page - STMicroelectronics PSD512B1 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 153 page
background image
PSD5XX Family
140
Family: Ceramic Leaded Chip Carrier – CERQUAD
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
A
3.94
4.57
0.155
0.180
A1
2.29
2.92
0.090
0.115
A2
3.05
3.68
0.120
0.145
B
0.43
0.53
0.017
0.021
B1
0.66
0.81
0.026
0.032
C
0.15
0.25
0.006
0.010
D
25.02
25.27
0.985
0.995
D1
23.93
24.28
0.942
0.956
D2
22.35
23.88
0.880
0.940
D3
20.32
Reference
0.800
Reference
E
25.02
25.27
0.985
0.995
E1
23.93
24.28
0.942
0.956
E2
22.35
23.88
0.880
0.940
E3
20.32
Reference
0.800
Reference
e1
1.27
Reference
0.050
Reference
N68
68
030195R6
Drawing L5 – 68-Pin Pocketed Ceramic Leaded Chip Carrier (CLDCC) – CERQUAD (Package Type L)
D3
B1
B
A1
A
E1
E
68
D2
A2
C
1
2
3
D1
D
E3
e1
To reduce lead damage,
lead tips reside in
pockets on the bottom
of the package.
View A
View A
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More