| Moteur de recherche de fiches techniques de composants électroniques |
|
E5DC-RX2ASM-017 Fiches technique(PDF) 112 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2ASM-017 Fiches technique(HTML) 112 Page - Omron Electronics LLC |
|
112 / 120 page ![]() E5 @C/E5@C-T 112 E5EC/E5EC-B/E5AC/E5EC-T/E5AC-T 1. For waterproof mounting, waterproof packing must be installed on the Digital Temperature Controller. Waterproofing is not possible when group mounting several Digital Temperature Controllers. 2. Insert the E5EC/E5EC-B/E5AC/E5EC-T/E5AC-T into the mounting hole in the panel. 3. Push the adapter from the terminals up to the panel, and temporarily fasten the E5EC/E5EC-B/E5AC/E5EC-T/E5AC-T. 4. Tighten the two fastening screws on the adapter. Alternately tighten the two screws little by little to maintain a balance. Tighten the screws to a torque of 0.29 to 0.39 N·m. E5DC 1. Insert the E5DC into the mounting hole in the panel. (Attach the Terminal Unit after you insert the Main Unit.) 2. Push the Adapter from the Terminal Unit up to the panel, and temporarily fasten the E5DC. 3. Tighten the two fastening screws on the Adapter. Alternately tighten the two screws little by little to maintain a balance. Tighten the screws to a torque of 0.29 to 0.39 N·m. Mounting to and Removing from DIN Track E5DC • Mounting a Unit Pull down the DIN Track hook on the Terminal Unit and catch the top hook on the DIN Track. Press the Unit onto the DIN Track until the DIN Track hooks are locked in place. • Removing a Unit Pull down on the DIN Track Hook with a flat-blade screwdriver and lift up the Unit. Removing the Main Unit Press in the two hooks on the Main Unit and remove the Main Unit from the Terminal Unit. End Plate Installation Make sure to attach PFP-M End Plates to the ends of the Units. Adapter Adapter Panel Water Proof Packing Terminal Cover (E53-COV24) Terminal Cover (E53-COV24) Main Unit Panel Terminal Unit Adapter 1. Pull down the hook. 2. Catch the top hook on the DIN Track. 4. Make sure that the hooks are locked in place. 3. Press the Unit onto the DIN Track. (1) (1) (2) Individual Mounting Group Mounting A B |