| Moteur de recherche de fiches techniques de composants électroniques |
|
E5DC-RX2ASM-000 Fiches technique(PDF) 106 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2ASM-000 Fiches technique(HTML) 106 Page - Omron Electronics LLC |
|
106 / 120 page ![]() E5 @C/E5@C-T 106 Advanced Function Setting Level Alarm 1 to 4 Latch HS Alarm Latch HS Alarm Hysteresis LBA Detection Time LBA Level LBA Band Control Output 1 Assignment HS Alarm Use Parameter Initialization Heater Burnout Latch Program End ON Time Standby Time Unit Standby Sequence Reset Auxiliary Output 1 to 4 Open in Alarm Heater Burnout Hysteresis HB ON/OFF PF Setting PF Monitor/Setting Item 1 PF Monitor/ Setting Item 2 to 5 PV/SP No. 1 Display Selection PV Status Display Function SV Status Display Function PV/SP No. 2 Display Selection Parameter Mask Setting Input Digital Filter α Integral/Derivative Time Unit AT Calculated Gain AT Hysteresis Limit Cycle MV Amplitude Alarm SP Selection Moving Average Count Manual Output Method Manual MV Initial Value RT Display Refresh Period init a1lt mant mani rt hsu pf pfd1 pfd2 spd1 spd2 pvst svst d.ref pmst hsl hsh lba lbal lbab out1 alsp PV Dead Band Heating/Cooling Tuning Method PV Rate of Change Calculation Period Minimum Output ON/OFF Band PID Set Automatic Selection Hysteresis pidh p-db pvrp hctm ompw pend s-u rest sb1n hbu hbl hbh alfa tidu at-g at-h lcma inf mav Automatic Display Return Time Display Brightness ret brgt Manual MV Limit Enable manl Direct Setting of Position Proportional MV pmvd Burnout Method burn off off hold 0.0 off on shft 1 0 6 7 off off 0.25 off Move to Calibration Level cmov 0 off 0.1 0 8.0 3.0 o sp-m 0.50 PID Set Automatic Selection Data pidi pv SP Tracking sptr off 0 20 0 1.0 LCT Cooling Output Min. ON Time lcmt 0.2 0.0 h-m a n-o on off 0.1 0.65 1 0.8 0.8 20.0 0.0 off off 3 off off up M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M M Move to Protect Level Time Alarm 1 to 4 ON Delay Alarm 1 to 4 OFF Delay prlt a1on a1of Cold Junction Compensation Method cjc 3 0 0 on M M M Control Output 2 Assignment Auxiliary Output 1 Assignment Auxiliary Output 2 Assignment Auxiliary Output 3 Assignment Auxiliary Output 4 Assignment Integrated Alarm Assignment out2 sub1 sub2 sub3 sub4 alma none alm1 alm2 alm3 alm4 49 M M M M M M |