| Moteur de recherche de fiches techniques de composants électroniques |
|
E5EC-RX4DBM-000 Fiches technique(PDF) 107 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5EC-RX4DBM-000 Fiches technique(HTML) 107 Page - Omron Electronics LLC |
|
107 / 138 page ![]() E5EC-T/E5AC-T 107 Nomenclature Top View of E5EC-T Top-panel Setup Tool port Temperature unit Front-panel Setup Tool port Use the M Key to change to another parameter. No. 1 display No. 2 display No. 3 display PV or specified monitor/parameter SP or specified monitor/parameter value Use the U D Keys to set the parameter. Front panel Press O Key for at least 3 seconds to go to Initial Setting Level. Operation indicators Program No., segment No., remaining segment time, or MV (valve opening). Press O Key once to go to Program Setting Level. Use S Key to change the digit (default setting). Press U Key for at least 1 second when Process value/Set point parameter are displayed in Program SP Mode to go to Display Segment Selection parameter in Program Setting Level. Press M and D Keys simultaneously for at least 1 second to switch between run and reset status. E5EC-T Front Panel Top View of E5AC-T Top-panel Setup Tool port Temperature unit Operation indicators Press the M Key to switch to another parameter. No. 1 display No. 2 display No. 3 display PV or specified monitor/parameter SP or specified monitor/parameter value Press the U or D Key to set the parameter. Front-panel Setup Tool port Press the S Key to change the digit (default setting). Program No. and segment No., remaining segment time, or MV (valve opening). Press U Key for at least 1 second when Process value/Set point parameter are displayed in Program SP Mode to go to Display Segment Selection parameter in Program Setting Level. Press M and D Keys simultaneously for at least 1 second to change between run and reset status. Press the O Key for at least 3 seconds to go to the Initial Setting Level. Press the O Key once to go to the Program Setting Level. E5AC-T |