| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5671CDDFM Fiches technique(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFM Fiches technique(HTML) 121 Page - Renesas Technology Corp |
|
121 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 121 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics Figure 2.43 Output Disable Time for POE in Response to the Simultaneous Conduction of Output Pins Figure 2.44 Output Disable Time for POE in Response to the Register Setting Figure 2.45 Output Disable Time for POE in Response to the Oscillation Stop Detection Outputs disabled Simultaneous active-level outputs detected*1 Note 1. When the active level is set to low. MTU PWM output pins tPOEDO MTU PWM output pins Outputs disabled tPOEDS Corresponding bit in the SPOER register Oscillation stop detection signal (internal signal) MTU PWM output pins Outputs disabled tPOEDOS Main clock |