| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F10DMDCLFB Fiches technique(PDF) 134 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10DMDCLFB Fiches technique(HTML) 134 Page - Renesas Technology Corp |
|
134 / 139 page ![]() RL78/D1A 5. PACKAGE DRAWINGS R01DS0463EJ0120 Rev. 1.20 Page 134 of 135 Mar 31, 2026 5.4 100-pin products R5F10DPE, R5F10DPF, R5F10DPG, R5F10TPJ, R5F10DPJ, R5F10DPL, R5F10DPK S y e S x b M L c Lp HD HE ZD ZE L1 A1 A2 A D E A3 S 0.145 (UNIT:mm) ITEM DIMENSIONS D E HD HE A A1 A2 A3 14.00 ±0.20 14.00 ±0.20 16.00 ±0.20 16.00 ±0.20 1.60 MAX. 0.10 ±0.05 1.40 ± + + 0.05 0.25 c e x y ZD ZE 0.50 0.08 0.08 1.00 1.00 L Lp L1 0.50 0.60 ±0.15 1.00 ±0.20 3 ° 3 ° 5 ° detail of lead end 0.22 0.055 0.045 b 25 50 1 100 26 51 75 76 ±0.05 A B AB JEITA Package Code RENESAS Code Previous Code MASS (TYP.) [g] P-LFQFP100-14x14-0.50 PLQP0100KE-A P100GC-50-GBR-1 0.69 2012 Renesas Electronics Corporation. All rights reserved. <R> |