Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFECAC Fiches technique(PDF) 155 Page - Renesas Technology Corp

No de pièce R7KA8M2AFECAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAC Fiches technique(HTML) 155 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAC Datasheet HTML 151Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 152Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 153Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 154Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 155Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 156Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 157Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 158Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 295 page
background image
2.3.9
SCI Timing
Table 2.59
SCI timing (Asynchronous mode)
Conditions:
High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
If SCI pins are specified across the VCC I/O and VCC2 I/O, characteristics below is guaranteed only when VCC = VCC2.
Parameter
VCC/VCC2
Symbol
Min
Max
Unit
Note
Input clock cycle
1.62 V or above
tScyc
4.0
—
tTcyc
Figure 2.68
Input clock pulse width
1.62 V or above
tSCKW
0.4
0.6
tScyc
Input clock rise time
1.62 V or above
tSCKr
—
0.1*1
tScyc
Input clock fall time
1.62 V or above
tSCKf
—
0.1*1
tScyc
Output clock cycle
1.62 V or above
tScyc
6.0
—
tTcyc
Output clock pulse width
1.62 V or above
tSCKW
0.4
0.6
tScyc
Output clock rise time
2.70 V or above
tSCKr
—
3.3
ns
1.62 V or above
—
6.6
Output clock fall time
2.70 V or above
tSCKf
—
3.3
ns
1.62 V or above
—
6.6
Note:
tTcyc: TCLK cycle.
Note 1. 1 µs at the longest
tSCKW
tSCKr
tSCKf
tScyc
SCKn
Note:
n = 0 to 4, 9
Figure 2.68
SCK clock input/output timing
RA8M2 Datasheet
2. Electrical Characteristics
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 155 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com