Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R7KA8M2AFECAC Fiches technique(PDF) 286 Page - Renesas Technology Corp

No de pièce R7KA8M2AFECAC
Description  Renesas Microcontrollers
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7KA8M2AFECAC Fiches technique(HTML) 286 Page - Renesas Technology Corp

Back Button R7KA8M2AFECAC Datasheet HTML 282Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 283Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 284Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 285Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 286Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 287Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 288Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 289Page - Renesas Technology Corp R7KA8M2AFECAC Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 295 page
background image
Table A3.1
Peripheral base address (3 of 4)
Description
Name of secure registers
Base address of
secure registers
in secure alias
region
Name of non-secure
registers
Base address
of non-secure
registers in non-
secure alias
region
General PWM 32-bit Timer 7
GPT327
0x4032_2700
GPT327_NS
0x5032_2700
General PWM 32-bit Timer 8
GPT328
0x4032_2800
GPT328_NS
0x5032_2800
General PWM 32-bit Timer 9
GPT329
0x4032_2900
GPT329_NS
0x5032_2900
General PWM 32-bit Timer 10
GPT3210
0x4032_2A00
GPT3210_NS
0x5032_2A00
General PWM 32-bit Timer 11
GPT3211
0x4032_2B00
GPT3211_NS
0x5032_2B00
General PWM 32-bit Timer 12
GPT3212
0x4032_2C00
GPT3212_NS
0x5032_2C00
General PWM 32-bit Timer 13
GPT3213
0x4032_2D00
GPT3213_NS
0x5032_2D00
Output Phase Switching Controller
GPT_OPS
0x4032_3F00
GPT_OPS_NS
0x5032_3F00
General PWM Timer Clock Controller
GPT_GTCLK
0x4032_3F10
GPT_GTCLK_NS
0x5032_3F10
PWM Delay Generation Circuit
PDG
0x4032_4000
PDG_NS
0x5032_4000
16-bit A/D Converter
ADC_B
0x4033_8000
ADC_B_NS
0x5033_8000
Capture Engine Unit
CEU
0x4034_8000
CEU_NS
0x5034_8000
USB 2.0 High-Speed Module
USBHS
0x4035_1000
USBHS_NS
0x5035_1000
Serial Communication Interface 0
SCI0_B
0x4035_8000
SCI0_B_NS
0x5035_8000
Serial Communication Interface 1
SCI1_B
0x4035_8100
SCI1_B_NS
0x5035_8100
Serial Communication Interface 2
SCI2_B
0x4035_8200
SCI2_B_NS
0x5035_8200
Serial Communication Interface 3
SCI3_B
0x4035_8300
SCI3_B_NS
0x5035_8300
Serial Communication Interface 4
SCI4_B
0x4035_8400
SCI4_B_NS
0x5035_8400
Serial Communication Interface 5
SCI5_B
0x4035_8500
SCI5_B_NS
0x5035_8500
Serial Communication Interface 6
SCI6_B
0x4035_8600
SCI6_B_NS
0x5035_8600
Serial Communication Interface 7
SCI7_B
0x4035_8700
SCI7_B_NS
0x5035_8700
Serial Communication Interface 8
SCI8_B
0x4035_8800
SCI8_B_NS
0x5035_8800
Serial Communication Interface 9
SCI9_B
0x4035_8900
SCI9_B_NS
0x5035_8900
Serial Peripheral Interface 0
SPI0_B
0x4035_C000
SPI0_B_NS
0x5035_C000
Serial Peripheral Interface 1
SPI1_B
0x4035_C100
SPI1_B_NS
0x5035_C100
I3C Bus Interface
I3C
0x4035_F000
I3C_NS
0x5035_F000
Error correction circuit for MBRAM0
ECCMB0
0x4036_F200
ECCMB0_NS
0x5036_F200
Error correction circuit for MBRAM1
ECCMB1
0x4036_F300
ECCMB1_NS
0x5036_F300
CANFD Module 0
CANFD0
0x4038_0000
CANFD0_NS
0x5038_0000
CANFD Module 1
CANFD1
0x4038_2000
CANFD1_NS
0x5038_2000
Ethernet Message Forwarding Engine MFWD
0x403C_0000
MFWD_NS
0x503C_0000
Layer 3 Ethernet Switch Module
ESWM
0x403C_8000
ESWM_NS
0x503C_8000
Ethernet Common Agent
COMA
0x403C_9000
COMA_NS
0x503C_9000
Ethernet Agent 0
ETHA0
0x403C_A000
ETHA0_NS
0x503C_A000
Ethernet MAC 0
RMAC0
0x403C_B000
RMAC0_NS
0x503C_B000
Ethernet Agent 1
ETHA1
0x403C_C000
ETHA1_NS
0x503C_C000
Ethernet MAC 1
RMAC1
0x403C_D000
RMAC1_NS
0x503C_D000
Ethernet CPU Agent
GWCA0
0x403C_E000
GWCA0_NS
0x503C_E000
Ethernet Generic PTP Timer
GPTP
0x403E_0000
GPTP_NS
0x503E_0000
RA8M2 Datasheet
Appendix 3. I/O Registers
R01DS0438EJ0130 Rev.1.30
Feb 27, 2026
Page 286 of 295



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com