| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7LITE1XB Fiches technique(PDF) 150 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE1XB Fiches technique(HTML) 150 Page - STMicroelectronics |
|
150 / 157 page ![]() ST7LITE1xB 150/157 15.2 DEVICE ORDERING INFORMATION Table 28. Supported Flash part numbers Note 1: “x” stands for “6” for devices with -40°C to +85°C temperature range and for “3” for devices with -40°C to +125°C tem- perature range. Part Number Program Memory (Bytes) RAM (Bytes) Data EEPROM (Bytes) Package ST7FLIT10BF0Mx 1) 2K FLASH 256 - SO20 ST7FLIT10BF0Bx 1) - DIP20 ST7FLIT15BF0Mx 1) - SO20 ST7FLIT15BF0Bx 1) - DIP20 ST7FLIT19BF0Mx 1) 128 SO20 ST7FLIT19BF0Bx 1) 128 DIP20 ST7FLIT10BY0Mx 1) 2K FLASH 256 -SO16 ST7FLIT10BY0Bx 1) -DIP16 ST7FLIT15BY0Mx 1) -SO16 ST7FLIT15BY0Bx 1) -DIP16 ST7FLIT19BY0Mx 1) 128 SO16 ST7FLIT19BY0Bx 1) 128 DIP16 ST7FLIT10BF1Mx 1) 4K FLASH 256 - SO20 ST7FLIT10BF1Bx 1) - DIP20 ST7FLIT15BF1Mx 1) - SO20 ST7FLI15BF1U6TR - QFN20 ST7FLIT15BF1Bx 1) -DIP20 ST7FLIT19BF1Mx 1) 128 SO20 ST7FLIT19BF1Bx 1) 128 DIP20 ST7FLI19BF1U6TR 128 QFN20 ST7FLIT10BY1Mx 1) 4K FLASH 256 -SO16 ST7FLIT10BY1Bx 1) -DIP16 ST7FLIT15BY1Mx 1) -SO16 ST7FLIT15BY1Bx 1) -DIP16 ST7FLIT19BY1Mx 1) 128 SO16 ST7FLIT19BY1Bx 1) 128 DIP16 ST7FLI19BY1M3TR 128 SO16 Contact ST sales office for product availability |