Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FOXK2 Fiches technique(PDF) 216 Page - STMicroelectronics

No de pièce ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Fiches technique(HTML) 216 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 212Page - STMicroelectronics ST7FOXK2 Datasheet HTML 213Page - STMicroelectronics ST7FOXK2 Datasheet HTML 214Page - STMicroelectronics ST7FOXK2 Datasheet HTML 215Page - STMicroelectronics ST7FOXK2 Datasheet HTML 216Page - STMicroelectronics ST7FOXK2 Datasheet HTML 217Page - STMicroelectronics ST7FOXK2 Datasheet HTML 218Page - STMicroelectronics ST7FOXK2 Datasheet HTML 219Page - STMicroelectronics ST7FOXK2 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 226 page
background image
Device configuration and ordering information
ST7FOXF1, ST7FOXK1, ST7FOXK2
216/226
13.4
ST7 application notes
Table 95.
Development tool order codes
MCU
Debugging and
programming tool
ST socket boards
ST7FOXF1
ST7FOXK1
ST7FOXK2
STX-RLINK(1)(2),
ST7-STICK(3)(4),
STice emulator(5)
1.
USB connection to PC.
2.
Available from ST or from Raisonance, www.raisonance.com.
3.
Add suffix /EU, /UK or /US for the power supply for your region.
4.
Parallel port connection to PC.
5.
Contact local ST sales office for sales types.
SBX-SO20BE, SBX-DI8-20ZZ,
SBX-DIP32CD,
and SBX-QP32BC socket boards (3)
Table 96.
ST7 application notes
Identification
Description
Application examples
AN1658
Serial numbering implementation
AN1720
managing the Read-Out Protection in Flash microcontrollers
AN1755
A high resolution/precision thermometer using ST7 and NE555
AN1756
Choosing a DALI implementation strategy with ST7DALI
AN1812
A high precision, low cost, single supply ADC for positive and negative input voltages
Example drivers
AN 969
SCI communication between ST7 and PC
AN 970
SPI communication between ST7 and EEPROM
AN 971
I²C communication between ST7 and M24Cxx EEPROM
AN 972
ST7 software SPI master communication
AN 973
SCI software communication with a PC using ST72251 16-bit timer
AN 974
Real time clock with ST7 timer Output Compare
AN 976
Driving a buzzer through ST7 timer PWM function
AN 979
Driving an analog keyboard with the ST7 ADC
AN 980
ST7 keypad decoding techniques, implementing wakeup on keystroke
AN1017
Using the ST7 Universal Serial Bus microcontroller
AN1041
Using ST7 PWM signal to generate analog output (sinusoïd)
AN1042
ST7 routine for I²C Slave mode Management
AN1044
Multiple interrupt sources management for ST7 MCUs
AN1045
ST7 S/W implementation of I²C bus master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More