Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7FOXK2 Fiches technique(PDF) 179 Page - STMicroelectronics

No de pièce ST7FOXK2
Description  8-bit MCU with single voltage Flash memory, SPI, I²C, ADC, timers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FOXK2 Fiches technique(HTML) 179 Page - STMicroelectronics

Back Button ST7FOXK2 Datasheet HTML 175Page - STMicroelectronics ST7FOXK2 Datasheet HTML 176Page - STMicroelectronics ST7FOXK2 Datasheet HTML 177Page - STMicroelectronics ST7FOXK2 Datasheet HTML 178Page - STMicroelectronics ST7FOXK2 Datasheet HTML 179Page - STMicroelectronics ST7FOXK2 Datasheet HTML 180Page - STMicroelectronics ST7FOXK2 Datasheet HTML 181Page - STMicroelectronics ST7FOXK2 Datasheet HTML 182Page - STMicroelectronics ST7FOXK2 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 226 page
background image
ST7FOXF1, ST7FOXK1, ST7FOXK2
Instruction set
179/226
11.1.1
Inherent mode
All Inherent instructions consist of a single byte. The opcode fully specifies all the required
information for the CPU to process the operation.
Long
Indirect
Indexed
ld
A,([$10.w],X)
0000..FFFF
00..FF
word
+ 2
Relative
Direct
jrne loop
PC-
128/PC+127(1)
+ 1
Relative
Indirect
jrne [$10]
PC-
128/PC+127(1)
00..FF
byte
+ 2
Bit
Direct
bset $10,#7
00..FF
+ 1
Bit
Indirect
bset [$10],#7
00..FF
00..FF
byte
+ 2
Bit
Direct
Relative
btjt
$10,#7,skip
00..FF
+ 2
Bit
Indirect
Relative
btjt
[$10],#7,skip
00..FF
00..FF
byte
+ 3
1.
At the time the instruction is executed, the Program Counter (PC) points to the instruction following JRxx.
Table 59.
ST7 addressing mode overview (continued)
Mode
Syntax
Destination/
source
Pointer
address
Pointer
size
Length
(bytes)
Table 60.
Instructions supporting inherent addressing mode
Instruction
Function
NOP
No operation
TRAP
S/W interrupt
WFI
Wait for interrupt (low power mode)
HALT
Halt oscillator (lowest power mode)
RET
Subroutine return
IRET
Interrupt subroutine return
SIM
Set interrupt mask
RIM
Reset interrupt mask
SCF
Set carry flag
RCF
Reset carry flag
RSP
Reset stack pointer
LD
Load
CLR
Clear
PUSH/POP
Push/Pop to/from the stack
INC/DEC
Increment/decrement
TNZ
Test negative or zero
CPL, NEG
1 or 2 complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com