| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7232AJ2TC Fiches technique(PDF) 151 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7232AJ2TC Fiches technique(HTML) 151 Page - STMicroelectronics |
|
151 / 157 page ![]() ST7232A 151/157 14.5.1 Socket and Emulator Adapter Information For information on the type of socket that is sup- plied with the emulator, refer to the suggested list of sockets in Table 29. Note: Before designing the board layout, it is rec- ommended to check the overall dimensions of the socket as they may be greater than the dimen- sions of the device. For footprint and other mechanical information about these sockets and adapters, refer to the manufacturer’s datasheet (www.ironwoodelec- tronics.com for TQFP32 7 x 7). Table 29. Suggested List of Socket Types Device Socket (supplied with ST7MDT20J-EMU3) Emulator Adapter (supplied with ST7MDT20J-EMU3) TQFP32 7 X 7 IRONWOOD SF-QFE32SA-L-01 IRONWOOD SK-UGA06/32A-01 TQFP44 10 X10 YAMAICHI IC149-044-*52-*5 YAMAICHI ICP-044-5 1 |