| Moteur de recherche de fiches techniques de composants électroniques |
|
MPF0900AMMA2ES Fiches technique(PDF) 187 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF0900AMMA2ES Fiches technique(HTML) 187 Page - NXP Semiconductors |
|
187 / 205 page ![]() NXP Semiconductors PF09 Nine-channel power management IC with advanced system safety monitoring 16 ESD requirements Symbol Description Min Typ Max Unit VESDHBM Human body model – – 2000 V VESDCDM Charge device model • QFN package - all pins – – 500 V ILATCHUP Latch-up current – – 100 mA Table 233. ESD Ratings All ESD specifications will be compliant with the AEC-Q100 specification. PF09 All information provided in this document is subject to legal disclaimers. © 2026 NXP B.V. All rights reserved. Product data sheet Rev. 1.3 — 16 December 2025 Document feedback 187 / 205 |