Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDB36-18-20SN-059 Fiches technique(PDF) 154 Page - TE Connectivity Ltd

No de pièce HDB36-18-20SN-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HDB36-18-20SN-059 Fiches technique(HTML) 154 Page - TE Connectivity Ltd

Back Button HDB36-18-20SN-059 Datasheet HTML 150Page - TE Connectivity Ltd HDB36-18-20SN-059 Datasheet HTML 151Page - TE Connectivity Ltd HDB36-18-20SN-059 Datasheet HTML 152Page - TE Connectivity Ltd HDB36-18-20SN-059 Datasheet HTML 153Page - TE Connectivity Ltd HDB36-18-20SN-059 Datasheet HTML 154Page - TE Connectivity Ltd HDB36-18-20SN-059 Datasheet HTML 155Page - TE Connectivity Ltd HDB36-18-20SN-059 Datasheet HTML 156Page - TE Connectivity Ltd HDB36-18-20SN-059 Datasheet HTML 157Page - TE Connectivity Ltd HDB36-18-20SN-059 Datasheet HTML 158Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 154
DEUTSCH MODIFICATION LIST
MOD #
SERIES
DESCRIPTION
EP20
DT
Plug with enhanced seal retention (P012), shrink boot adapter
F
F001
HDN
Inserts within connector made of PEI
G
G001
DRC
Gold plated pins
G002
DRC
Outside rows of pins are gold plated and rest are tin plated
G003
DT13/15,
DTM13/15
Gold plated pins
G004
DRC
Interface side pins are nickel plated, PCB side pins are tin plated
G005
DRCP
Tin plated signal pins, tin plated power pins
GC
GC03
DRCP
Gold plated signal pins, depopulated power pins
GC05
DRCP
Tin plated signal pins, depopulated power pins
GR
GR01
DTM13 (EEC
headers)
Snap-in DTM PCB mounted header for DTM EEC enclosure, 12 and 24 pins, gold plated pins
H
H001
HD30
Plated with yellow chromate conversion
HL
HL01
HD30
Dust cap plated with yellow chromate conversion, sash chain with eyelet for #10 screw
HL02
HD30
Adapter for cable clamp (-072) plated with yellow chromate conversion
J
J001
HD30
Reverse cavity marking identification on grommet
J059
HD30
Reverse cavity marking identification on grommet, cable clamp (-059)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More