Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD34-24-19PE-059 Fiches technique(PDF) 152 Page - TE Connectivity Ltd

No de pièce HD34-24-19PE-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD34-24-19PE-059 Fiches technique(HTML) 152 Page - TE Connectivity Ltd

Back Button HD34-24-19PE-059 Datasheet HTML 148Page - TE Connectivity Ltd HD34-24-19PE-059 Datasheet HTML 149Page - TE Connectivity Ltd HD34-24-19PE-059 Datasheet HTML 150Page - TE Connectivity Ltd HD34-24-19PE-059 Datasheet HTML 151Page - TE Connectivity Ltd HD34-24-19PE-059 Datasheet HTML 152Page - TE Connectivity Ltd HD34-24-19PE-059 Datasheet HTML 153Page - TE Connectivity Ltd HD34-24-19PE-059 Datasheet HTML 154Page - TE Connectivity Ltd HD34-24-19PE-059 Datasheet HTML 155Page - TE Connectivity Ltd HD34-24-19PE-059 Datasheet HTML 156Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 152
DEUTSCH MODIFICATION LIST
MOD #
SERIES
DESCRIPTION
CE11
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012), end cap, black
CE12
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012), shrink boot adapter, black
CE13
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012), shrink boot adapter
CE14
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012), latch guard end cap, black
CE27
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012), for use with integrated LED wedgelock, end cap, transparent
PEI
CE28
DT
Plug with reduced diameter seals (E seal), enhanced seal retention (P012), for use with integrated LED wedgelock, transparent PEI
CL
CL01
HD30
Cavities blocked (J, Q, R, S, X), adapter for cable clamp (072)
CL03
DT
Reduced diameter seals (E seal), welded flange
CL06
DT
Reduced diameter seals (E seal), welded flange, black
CL07
DT
Reduced diameter seals (E seal), sealed flange, shrink boot adapter
CL08
DT
Reduced diameter seals (E seal), welded flange, end cap, disabled latch
CL09
DT
Reduced diameter seals (E seal), sealed flange, end cap, black
CL15
DT
Reduced diameter seals (E seal), welded flange, black
CL20
HDP20
Plug with diagnostic keying
CL22
HDP20
Receptacle with diagnostic keying
CG
CG01
DRC
5 mm threaded insert with silver plating, molded-in contacts, outside
rows gold
CP
CP01
DT
All cavities plugged, enhanced seal retention (P012), end cap
E
E003
DT, DTHD,
DTM, DTP End cap
E004
DT, DTM,
DTP, HD10 Black
E005
DT, DTM,
DTP
Black, end cap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More