| Moteur de recherche de fiches techniques de composants électroniques |
|
HD34-24-16PE-059 Fiches technique(PDF) 142 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD34-24-16PE-059 Fiches technique(HTML) 142 Page - TE Connectivity Ltd |
|
142 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 142 CONTACTS CURRENT RATING AMPS PART DESCRIPTION PART NUMBER Size 16 13 Pin, solid, sz. 16, nickel, extended PCB (see drawing 0425-202-0000) 0460-208-16141 13 Pin, solid, sz. 16, gold, extended PCB (see drawing 0425-202-0000) 0460-208-1631 13 Pin, solid, sz. 16, nickel, extended PCB (see drawing 0425-202-0000) 0460-229-16141 13 Pin, solid, sz. 16, nickel, extended PCB (see drawing 0425-202-0000) 0460-241-16141 13 Pin, solid, sz. 16, nickel, extended PCB (see drawing 0425-202-0000) 0460-244-16141 13 Pin, solid, sz. 16, gold, extended PCB (see drawing 0425-202-0000) 0460-244-1631 Size 12 25 Pin, solid, sz. 12, nickel, extended PCB 0460-208-12141 25 Pin, solid, sz. 12, gold, extended PCB 0460-245-1231 25 Pin, solid, sz. 12, tin, extended PCB 0460-245-1290 |