Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD34-18-8SE-059 Fiches technique(PDF) 149 Page - TE Connectivity Ltd

No de pièce HD34-18-8SE-059
Description  CONNECTOR SELECTOR
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TEC [TE Connectivity Ltd]
Site Internet  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

HD34-18-8SE-059 Fiches technique(HTML) 149 Page - TE Connectivity Ltd

Back Button HD34-18-8SE-059 Datasheet HTML 145Page - TE Connectivity Ltd HD34-18-8SE-059 Datasheet HTML 146Page - TE Connectivity Ltd HD34-18-8SE-059 Datasheet HTML 147Page - TE Connectivity Ltd HD34-18-8SE-059 Datasheet HTML 148Page - TE Connectivity Ltd HD34-18-8SE-059 Datasheet HTML 149Page - TE Connectivity Ltd HD34-18-8SE-059 Datasheet HTML 150Page - TE Connectivity Ltd HD34-18-8SE-059 Datasheet HTML 151Page - TE Connectivity Ltd HD34-18-8SE-059 Datasheet HTML 152Page - TE Connectivity Ltd HD34-18-8SE-059 Datasheet HTML 153Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 164 page
background image
INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR
PAGE 149
CRIMP TOOLING - STAMPED & FORMED CONTACTS
SIZE
CONTACT
PART NUMBER
PART DESCRIPTION
PART NUMBER
16
-
Tool, crimp, hand, sz. 16 S&F (106*-16-12**), 12-16 AWG [2.50-1.00 mm2]
DTT-16-02
Size 12
12
-
Tool, crimp, hand, sz. 12 S&F, 12-14 AWG [4.00-2.00 mm2]
DTT-12-00
12
(10 AWG)
-
Tool, crimp, hand, sz. 12 S&F, 10 AWG [6.00-5.00 mm2]
DTT-12-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More