| Moteur de recherche de fiches techniques de composants électroniques |
|
HD34-18-8PN-059 Fiches technique(PDF) 155 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
HD34-18-8PN-059 Fiches technique(HTML) 155 Page - TE Connectivity Ltd |
|
155 / 164 page ![]() INDUSTRIAL & COMMERCIAL TRANSPORTATION /// CONNECTOR SELECTOR PAGE 155 DEUTSCH MODIFICATION LIST MOD # SERIES DESCRIPTION K K001 AEC Molded-in shell marking, remove blue stripe, end cap K003 DT16 Plug, 15 cavity DT with two size 12 contacts and 13 size 16 contacts, enhanced seal retention (P012), end cap, black K004 DT16 Plug, 18 cavity DT with 18 size 16 contacts, enhanced seal retention (P012), end cap, black KP KP01 DT16 Plug, six cavity DT with six size 16 contacts, enhanced seal retention (P012), end cap, green L L001 HD30 Same as -059 (cable clamp) L003 HD30 Cable clamp adapter (-072) L005 HD30 Cable clamp adapter (-072) without drain holes L006 HD30 -059 modification using adapter without drain holes L009 DTHD Sealed flange, inside mount L011 DRC Wire router L012 DT, DTP, DTM Welded flange L013 DTHD Sealed flange, outside mount L015 HDP20 Threaded adapter for backshell strain relief L017 HDP20 Ring adapter for backshell strain relief L018 DRB Wire router L020 HD30 Removes #10 eyelet from the dust cap chain L024 HDP20 Wide threaded adapter for backshell strain relief L072 HD30 Adapter ring LC LC01 DT Reduced diameter seals (E seal), enhanced seal retention (P012), black, DIN backshell adapter LE LE01 DT Sealed flange, inside mount, gasket, end cap LE03 DT Sealed flange, outside mount, o-ring sold separately, end cap, NOTE: DT04-08PA-LE03 comes with shrink boot adapter and o-ring on flange |