Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L443VCY3 Fiches technique(PDF) 213 Page - STMicroelectronics

No de pièce STM32L443VCY3
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCY3 Fiches technique(HTML) 213 Page - STMicroelectronics

Back Button STM32L443VCY3 Datasheet HTML 207Page - STMicroelectronics STM32L443VCY3 Datasheet HTML 208Page - STMicroelectronics STM32L443VCY3 Datasheet HTML 209Page - STMicroelectronics STM32L443VCY3 Datasheet HTML 210Page - STMicroelectronics STM32L443VCY3 Datasheet HTML 211Page - STMicroelectronics STM32L443VCY3 Datasheet HTML 212Page - STMicroelectronics STM32L443VCY3 Datasheet HTML 213Page - STMicroelectronics STM32L443VCY3 Datasheet HTML 214Page - STMicroelectronics STM32L443VCY3 Datasheet HTML 215Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 213 / 215 page
background image
DS11421 Rev 4
213/215
STM32L443CC STM32L443RC STM32L443VC
Revision history
214
9
Revision history
Table 106. Document revision history
Date
Revision
Changes
08-Feb-2016
1
Initial release.
23-May-2016
2
Updated document title.
Updated Table 1: STM32L443xx family device features
and peripheral counts.
Updated Section 3.15.3: VBAT battery voltage
monitoring.
Updated Section 3.27: Universal
synchronous/asynchronous receiver transmitter
(USART).
Updated Table 14: STM32L443xx pin definitions.
Updated Table 16: Alternate function AF8 to AF15.
Updated Table 18: Voltage characteristics.
Updated Table 21: General operating conditions.
Added Figure 19: VREFINT versus temperature.
Updated Table 23: Embedded reset and power control
block characteristics.
Updated Table 25 to Table 27 and Table 31 to Table 40.
Updated Table 40: Low-power mode wakeup timings.
Added Table 42: Wakeup time using USART/LPUART.
Updated Table 48: MSI oscillator characteristics.
Added Table 49: HSI48 oscillator characteristics.
Added Figure 26: HSI48 frequency versus temperature.
Updated Table 51: PLL, PLLSAI1 characteristics.
Updated introduction of Section 6.3.14: I/O port
characteristics.
Added note to Figure 29: Recommended NRST pin
protection.
Updated Table 64: Analog switches booster
characteristics.
Updated Table 65: ADC characteristics.
Updated Table 73: VREFBUF characteristics.
Updated Table 74: COMP characteristics.
Updated Table 90: USB electrical characteristics.
Added Section : SWPMI characteristics.
Updated Table 104: Package thermal characteristics.
12-Jun-2017
3
Added 1x LPUART on cover page.
Updated Reference Manual title when referring to
RM0394.
Added Table 3: STM32L443xx modes overview.
Updated Table 5: STM32L443xx peripherals
interconnect matrix.
Added Section 3.24.5: Infrared interface (IRTIM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More