Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L443VCY7TR Fiches technique(PDF) 147 Page - STMicroelectronics

No de pièce STM32L443VCY7TR
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 256KB Flash, 64KB SRAM, USB FS, LCD, analog, audio, AES
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L443VCY7TR Fiches technique(HTML) 147 Page - STMicroelectronics

Back Button STM32L443VCY7TR Datasheet HTML 143Page - STMicroelectronics STM32L443VCY7TR Datasheet HTML 144Page - STMicroelectronics STM32L443VCY7TR Datasheet HTML 145Page - STMicroelectronics STM32L443VCY7TR Datasheet HTML 146Page - STMicroelectronics STM32L443VCY7TR Datasheet HTML 147Page - STMicroelectronics STM32L443VCY7TR Datasheet HTML 148Page - STMicroelectronics STM32L443VCY7TR Datasheet HTML 149Page - STMicroelectronics STM32L443VCY7TR Datasheet HTML 150Page - STMicroelectronics STM32L443VCY7TR Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 215 page
background image
DS11421 Rev 4
147/215
STM32L443CC STM32L443RC STM32L443VC
Electrical characteristics
185
Table 66. Maximum ADC RAIN(1)(2)
Resolution
Sampling cycle
@80 MHz
Sampling time [ns]
@80 MHz
RAIN max (Ω)
Fast channels(3)
Slow channels(4)
12 bits
2.5
31.25
100
N/A
6.5
81.25
330
100
12.5
156.25
680
470
24.5
306.25
1500
1200
47.5
593.75
2200
1800
92.5
1156.25
4700
3900
247.5
3093.75
12000
10000
640.5
8006.75
39000
33000
10 bits
2.5
31.25
120
N/A
6.5
81.25
390
180
12.5
156.25
820
560
24.5
306.25
1500
1200
47.5
593.75
2200
1800
92.5
1156.25
5600
4700
247.5
3093.75
12000
10000
640.5
8006.75
47000
39000
8 bits
2.5
31.25
180
N/A
6.5
81.25
470
270
12.5
156.25
1000
680
24.5
306.25
1800
1500
47.5
593.75
2700
2200
92.5
1156.25
6800
5600
247.5
3093.75
15000
12000
640.5
8006.75
50000
50000
6 bits
2.5
31.25
220
N/A
6.5
81.25
560
330
12.5
156.25
1200
1000
24.5
306.25
2700
2200
47.5
593.75
3900
3300
92.5
1156.25
8200
6800
247.5
3093.75
18000
15000
640.5
8006.75
50000
50000
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com