| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L443VC Fiches technique(PDF) 117 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L443VC Fiches technique(HTML) 117 Page - STMicroelectronics |
|
117 / 215 page ![]() DS11421 Rev 4 117/215 STM32L443CC STM32L443RC STM32L443VC Electrical characteristics 185 APB1 DAC1 2.4 1.8 2.2 µA/MHz RTCA 1.7 1.1 2.1 CRS 0.3 0.3 0.6 USB FS independent clock domain 2.9 N/A N/A USB FS clock domain 2.3 N/A N/A I2C1 independent clock domain 3.5 2.8 3.4 I2C1 clock domain 1.1 0.9 1.0 I2C2 independent clock domain 3.5 3.0 3.4 I2C2 clock domain 1.1 0.7 0.9 I2C3 independent clock domain 2.9 2.3 2.5 I2C3 clock domain 0.9 0.4 0.8 LCD 0.9 0.6 0.8 LPUART1 independent clock domain 1.9 1.6 1.8 LPUART1 clock domain 0.6 0.6 0.6 LPTIM1 independent clock domain 2.9 2.4 2.8 LPTIM1 clock domain 0.8 0.4 0.7 LPTIM2 independent clock domain 3.1 2.7 3.9 LPTIM2 clock domain 0.8 0.7 0.8 OPAMP 0.4 0.2 0.4 PWR 0.4 0.1 0.4 SPI2 1.8 1.6 1.6 SPI3 1.7 1.3 1.6 SWPMI1 independent clock domain 1.9 1.6 1.9 SWPMI1 clock domain 0.9 0.7 0.8 TIM2 6.2 5.0 5.9 TIM6 1.0 0.6 0.9 TIM7 1.0 0.6 0.6 USART2 independent clock domain 4.1 3.6 3.8 USART2 clock domain 1.3 0.9 1.1 Table 39. Peripheral current consumption (continued) Peripheral Range 1 Range 2 Low-power run and sleep Unit |