Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA382BWSTR Fiches technique(PDF) 166 Page - STMicroelectronics

No de pièce STA382BWSTR
Description  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWSTR Fiches technique(HTML) 166 Page - STMicroelectronics

Back Button STA382BWSTR Datasheet HTML 162Page - STMicroelectronics STA382BWSTR Datasheet HTML 163Page - STMicroelectronics STA382BWSTR Datasheet HTML 164Page - STMicroelectronics STA382BWSTR Datasheet HTML 165Page - STMicroelectronics STA382BWSTR Datasheet HTML 166Page - STMicroelectronics STA382BWSTR Datasheet HTML 167Page - STMicroelectronics STA382BWSTR Datasheet HTML 168Page - STMicroelectronics STA382BWSTR Datasheet HTML 169Page - STMicroelectronics STA382BWSTR Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 172 page
background image
Applications
STA382BWS
166/172
Doc ID 022784 Rev 1
Figure 45.
F3X (from SAI) source to line/headphone out application scheme
Note:
For further information, please refer to application note AN3959, 2.0-channel demonstration
board based on the STA382BWS and STA381BWS.
STA382BWS
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More