| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320DM647 Fiches technique(PDF) 123 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM647 Fiches technique(HTML) 123 Page - Texas Instruments |
|
123 / 167 page ![]() www.ti.com HCS HAS HCNTL[1:0] HR/W HHWIL HSTROBE(A) HD[15:0] HRDY(B) 34 5 17 18 17 18 34 5 4 38 37 13 16 15 14 13 16 15 37 35 TMS320DM647/TMS320DM648 Digital Media Processor SPRS372A – MAY 2007 – REVISED JUNE 2007 A. HSTROBE refers to the following logical operation on HCS, HDS1, and HDS2: [NOT(HDS1 XOR HDS2)] OR HCS. B. Depending on the type of write or read operation (HPID without auto-incrementing; HPIA, HPIC, or HPID with auto-incrementing) and the state of the FIFO, transitions on HRDY may or may not occur. For more detailed information on the HPI peripheral, see the TMS320DM647/DM648 DSP Host Port Interface (HPI) User's Guide (literature number SPRUEL5). Figure 6-33. HPI16 Write Timing (HAS Not Used, Tied High) Submit Documentation Feedback Peripheral Information and Electrical Specifications 123 |