Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L452VCU3P Fiches technique(PDF) 120 Page - STMicroelectronics

No de pièce STM32L452VCU3P
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCU3P Fiches technique(HTML) 120 Page - STMicroelectronics

Back Button STM32L452VCU3P Datasheet HTML 116Page - STMicroelectronics STM32L452VCU3P Datasheet HTML 117Page - STMicroelectronics STM32L452VCU3P Datasheet HTML 118Page - STMicroelectronics STM32L452VCU3P Datasheet HTML 119Page - STMicroelectronics STM32L452VCU3P Datasheet HTML 120Page - STMicroelectronics STM32L452VCU3P Datasheet HTML 121Page - STMicroelectronics STM32L452VCU3P Datasheet HTML 122Page - STMicroelectronics STM32L452VCU3P Datasheet HTML 123Page - STMicroelectronics STM32L452VCU3P Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 210 page
background image
Electrical characteristics
STM32L452xx
120/210
DocID029968 Rev 3
APB1
RTCA
1.7
1.1
2.1
µA/MHz
CRS
0.3
0.3
0.6
USB FS independent clock
domain
2.9
N/A
N/A
USB FS clock domain
2.3
N/A
N/A
I2C1 independent clock domain
3.5
2.8
3.4
I2C1 clock domain
1.1
0.9
1.0
I2C2 independent clock domain
3.5
3.0
3.4
I2C2 clock domain
1.1
0.7
0.9
I2C3 independent clock domain
2.9
2.3
2.5
I2C3 clock domain
0.9
0.4
0.8
LPUART1 independent clock
domain
1.9
1.6
1.8
LPUART1 clock domain
0.6
0.6
0.6
LPTIM1 independent clock
domain
2.9
2.4
2.8
LPTIM1 clock domain
0.8
0.4
0.7
LPTIM2 independent clock
domain
3.1
2.7
3.9
LPTIM2 clock domain
0.8
0.7
0.8
OPAMP
0.4
0.2
0.4
PWR
0.4
0.1
0.4
SPI2
1.8
1.6
1.6
SPI3
1.7
1.3
1.6
SWPMI1 independent clock
domain
1.9
1.6
1.9
SWPMI1 clock domain
0.9
0.7
0.8
TIM2
6.2
5.0
5.9
TIM6
1.0
0.6
0.9
USART2 independent clock
domain
4.1
3.6
3.8
USART2 clock domain
1.3
0.9
1.1
USART3 independent clock
domain
4.3
3.5
4.2
USART3 clock domain
1.5
1.1
1.3
WWDG
0.5
0.5
0.5
All APB1 on
51.5
35.5
48.6
Table 51. Peripheral current consumption (continued)
Peripheral
Range 1
Range 2
Low-power run
and sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More