Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12LF1501 Fiches technique(PDF) 346 Page - Microchip Technology

No de pièce PIC12LF1501
Description  14-Pin Flash, 8-Bit Microcontrollers
PDF  352 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12LF1501 Fiches technique(HTML) 346 Page - Microchip Technology

Back Button PIC12LF1501 Datasheet HTML 342Page - Microchip Technology PIC12LF1501 Datasheet HTML 343Page - Microchip Technology PIC12LF1501 Datasheet HTML 344Page - Microchip Technology PIC12LF1501 Datasheet HTML 345Page - Microchip Technology PIC12LF1501 Datasheet HTML 346Page - Microchip Technology PIC12LF1501 Datasheet HTML 347Page - Microchip Technology PIC12LF1501 Datasheet HTML 348Page - Microchip Technology PIC12LF1501 Datasheet HTML 349Page - Microchip Technology PIC12LF1501 Datasheet HTML 350Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 352 page
background image
PIC16(L)F1503
DS40001607D-page 346
 2011-2015 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Y2
SILK SCREEN
Y1
C2
X2
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
1.70
1.70
MILLIMETERS
0.50 BSC
MIN
E
MAX
2.90
Contact Pad Length (X16)
Contact Pad Width (X16)
Y1
X1
0.80
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-2211A
NOM
16-Lead Ultra Thin Quad Flat Pack, No Lead (MV) - 3x3x0.50 mm Body (UQFN)
E
X1
C2
Contact Pad Spacing
C1
2.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More