Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC12F752 Fiches technique(PDF) 137 Page - Microchip Technology

No de pièce PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Fiches technique(HTML) 137 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 133Page - Microchip Technology PIC12F752 Datasheet HTML 134Page - Microchip Technology PIC12F752 Datasheet HTML 135Page - Microchip Technology PIC12F752 Datasheet HTML 136Page - Microchip Technology PIC12F752 Datasheet HTML 137Page - Microchip Technology PIC12F752 Datasheet HTML 138Page - Microchip Technology PIC12F752 Datasheet HTML 139Page - Microchip Technology PIC12F752 Datasheet HTML 140Page - Microchip Technology PIC12F752 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 137
PIC16F753/HV753
FIGURE 17-3:
EXAMPLE SLOPE COMPENSATION CIRCUIT
17.3
Inputs
The SC module connects to the following inputs:
• COG1
• COG2
• Comparator C1
• Comparator C2
17.4
Outputs
The SC module connects to the following outputs:
• Comparator C1
• Comparator C2
•Op amp
17.5
Operation During Sleep
The SC module is unaffected by Sleep.
17.6
Effects of a Reset
The SC module resets to a disabled condition.
COG
-
+
SC
COGxOUTx
CxINx-
SLPCIN
VIN
L1
D1
C1
R1
R2
R3
-
+
OPAxOUT
OPAxIN-
C3
DAC
R4
R5
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More