Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGY6 Fiches technique(PDF) 192 Page - STMicroelectronics

No de pièce STM32F412RGY6
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGY6 Fiches technique(HTML) 192 Page - STMicroelectronics

Back Button STM32F412RGY6 Datasheet HTML 188Page - STMicroelectronics STM32F412RGY6 Datasheet HTML 189Page - STMicroelectronics STM32F412RGY6 Datasheet HTML 190Page - STMicroelectronics STM32F412RGY6 Datasheet HTML 191Page - STMicroelectronics STM32F412RGY6 Datasheet HTML 192Page - STMicroelectronics STM32F412RGY6 Datasheet HTML 193Page - STMicroelectronics STM32F412RGY6 Datasheet HTML 194Page - STMicroelectronics STM32F412RGY6 Datasheet HTML 195Page - STMicroelectronics STM32F412RGY6 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 201 page
background image
Recommendations when using the internal reset OFF
STM32F412xE/G
192/201
DocID028087 Rev 7
Appendix A
Recommendations when using the internal
reset OFF
When the internal reset is OFF, the following integrated features are no longer supported:
•
The integrated power-on-reset (POR)/power-down reset (PDR) circuitry is disabled.
•
The brownout reset (BOR) circuitry must be disabled. By default BOR is OFF.
•
The embedded programmable voltage detector (PVD) is disabled.
•
VBAT functionality is no more available and VBAT pin should be connected to VDD.