| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412CEJ6P Fiches technique(PDF) 151 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412CEJ6P Fiches technique(HTML) 151 Page - STMicroelectronics |
|
151 / 201 page ![]() DocID028087 Rev 7 151/201 STM32F412xE/G Electrical characteristics 166 Refer to Section 6.3.16: I/O port characteristics for more details on the input/output characteristics. Asynchronous waveforms and timings Figure 50 through Figure 53 represent asynchronous waveforms and Table 84 through Table 91 provide the corresponding timings. The results shown in these tables are obtained with the following FSMC configuration: • AddressSetupTime = 0x1 • AddressHoldTime = 0x1 • DataSetupTime = 0x1 (except for asynchronous NWAIT mode, DataSetupTime = 0x5) • BusTurnAroundDuration = 0x0 In all timing tables, the THCLK is the HCLK clock period. Figure 50. Asynchronous non-multiplexed SRAM/PSRAM/NOR read waveforms 1. Mode 2/B, C and D only. In Mode 1, FSMC_NADV is not used. |