Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGH7TR Fiches technique(PDF) 176 Page - STMicroelectronics

No de pièce STM32F412RGH7TR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGH7TR Fiches technique(HTML) 176 Page - STMicroelectronics

Back Button STM32F412RGH7TR Datasheet HTML 172Page - STMicroelectronics STM32F412RGH7TR Datasheet HTML 173Page - STMicroelectronics STM32F412RGH7TR Datasheet HTML 174Page - STMicroelectronics STM32F412RGH7TR Datasheet HTML 175Page - STMicroelectronics STM32F412RGH7TR Datasheet HTML 176Page - STMicroelectronics STM32F412RGH7TR Datasheet HTML 177Page - STMicroelectronics STM32F412RGH7TR Datasheet HTML 178Page - STMicroelectronics STM32F412RGH7TR Datasheet HTML 179Page - STMicroelectronics STM32F412RGH7TR Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 201 page
background image
Package information
STM32F412xE/G
176/201
DocID028087 Rev 7
Device marking for LQFP64
The following figure gives an example of topside marking and pin 1 position identifier
location.
Other optional marking or inset/upset marks, which depend on supply chain operations, are
not indicated below.
Figure 68. LQFP64 marking example (package top view)
1. Parts marked as “ES” or “E” or accompanied by an Engineering Sample notification letter are not yet
qualified and therefore not approved for use in production. ST is not responsible for any consequences
resulting from such use. In no event will ST be liable for the customer using any of these engineering
samples in production. ST’s Quality department must be contacted prior to any decision to use these
engineering samples to run a qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More