Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F412RGH3PTR Fiches technique(PDF) 146 Page - STMicroelectronics

No de pièce STM32F412RGH3PTR
Description  Arm®-Cortex®-M4 32b MCUFPU, 125 DMIPS, 1MB Flash, 256KB RAM, USB OTG FS, 17 TIMs, 1 ADC, 17 comm. interfaces
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F412RGH3PTR Fiches technique(HTML) 146 Page - STMicroelectronics

Back Button STM32F412RGH3PTR Datasheet HTML 142Page - STMicroelectronics STM32F412RGH3PTR Datasheet HTML 143Page - STMicroelectronics STM32F412RGH3PTR Datasheet HTML 144Page - STMicroelectronics STM32F412RGH3PTR Datasheet HTML 145Page - STMicroelectronics STM32F412RGH3PTR Datasheet HTML 146Page - STMicroelectronics STM32F412RGH3PTR Datasheet HTML 147Page - STMicroelectronics STM32F412RGH3PTR Datasheet HTML 148Page - STMicroelectronics STM32F412RGH3PTR Datasheet HTML 149Page - STMicroelectronics STM32F412RGH3PTR Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 201 page
background image
Electrical characteristics
STM32F412xE/G
146/201
DocID028087 Rev 7
General PCB design guidelines
Power supply decoupling should be performed as shown in Figure 48 or Figure 49,
depending on whether VREF+ is connected to VDDA or not. The 10 nF capacitors should be
ceramic (good quality). They should be placed them as close as possible to the chip.
Figure 48. Power supply and reference decoupling (VREF+ not connected to VDDA)
1. VREF+ and VREF- inputs are both available on UFBGA100. VREF+ is also available on LQFP100. When
VREF+ and VREF- are not available, they are internally connected to VDDA and VSSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More