| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412RGY6PTR Fiches technique(PDF) 104 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412RGY6PTR Fiches technique(HTML) 104 Page - STMicroelectronics |
|
104 / 201 page ![]() Electrical characteristics STM32F412xE/G 104/201 DocID028087 Rev 7 APB2 AHB-APB2 bridge 0.09 0.07 0.08 µA/MHz TIM1 6.83 6.46 5.81 TIM8 6.63 6.29 5.63 USART1 3.31 3.11 2.80 USART6 3.21 3.02 2.73 ADC1 3.51 3.31 2.98 SDIO 3.74 3.51 3.17 SPI1 1.47 1.36 1.23 SPI4 1.56 1.45 1.31 SYSCFG 0.54 0.49 0.45 TIM9 3.09 2.92 2.63 TIM10 1.91 1.79 1.61 TIM11 1.93 1.81 1.64 SPI5 1.54 1.44 1.30 DFSDM1 4.25 4.02 3.61 Bus Matrix 3.23 3.06 2.73 1. N is the number of stream enable (1...8). Table 37. Peripheral current consumption (continued) Peripheral IDD (Typ) Unit Scale 1 Scale 2 Scale 3 |