| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F412XE Fiches technique(PDF) 195 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F412XE Fiches technique(HTML) 195 Page - STMicroelectronics |
|
195 / 201 page ![]() DocID028087 Rev 7 195/201 STM32F412xE/G Application block diagrams 196 Figure 85. USB controller configured in dual mode and used in full speed mode 1. External voltage regulator only needed when building a VBUS powered device. 2. The current limiter is required only if the application has to support a VBUS powered device. A basic power switch can be used if 5 V are available on the application board. 3. The ID pin is required in dual role only. B.2 Sensor Hub application example Figure 86. Sensor Hub application example |