| Moteur de recherche de fiches techniques de composants électroniques |
|
S25FL128SDPNFAQ Fiches technique(PDF) 121 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
S25FL128SDPNFAQ Fiches technique(HTML) 121 Page - Cypress Semiconductor |
|
121 / 149 page ![]() Document Number: 001-98283 Rev. *M Page 120 of 148 S25FL128S/S25FL256S Table 51. Program Suspend AC Parameters Parameter Min Typical Max Unit Comments Program Suspend Latency (tPSL) 40 µs The time from Program Suspend command until the WIP bit is 0 Program Resume to next Program Suspend (tPRS) 0.06 100 µs Minimum is the time needed to issue the next Program Suspend command but ≥ typical periods are needed for Program to progress to completion Table 52. Erase Suspend AC Parameters Parameter Min Typical Max Unit Comments Erase Suspend Latency (tESL) 45 µs The time from Erase Suspend command until the WIP bit is 0 Erase Resume to next Erase Suspend (tERS) 0.06 100 µs Minimum is the time needed to issue the next Erase Suspend command but ≥ typical periods are needed for the Erase to progress to completion |