Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9252V/ML Fiches technique(PDF) 156 Page - Microchip Technology

No de pièce LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Fiches technique(HTML) 156 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 152Page - Microchip Technology LAN9252V/ML Datasheet HTML 153Page - Microchip Technology LAN9252V/ML Datasheet HTML 154Page - Microchip Technology LAN9252V/ML Datasheet HTML 155Page - Microchip Technology LAN9252V/ML Datasheet HTML 156Page - Microchip Technology LAN9252V/ML Datasheet HTML 157Page - Microchip Technology LAN9252V/ML Datasheet HTML 158Page - Microchip Technology LAN9252V/ML Datasheet HTML 159Page - Microchip Technology LAN9252V/ML Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 329 page
background image
LAN9252
DS00001909A-page 156
 2015 Microchip Technology Inc.
11.2.16.9
PHY x Auto Negotiation Next Page RX Register (PHY_AN_NP_RX_x)
Index (In Decimal): 8
Size:
16 bits
BITS
DESCRIPTION
TYPE
DEFAULT
15
Next Page
0 = No next page ability
1 = Next page capable
RO
0b
14
Acknowledge
0 = Link code word not yet received from partner
1 = Link code word received from partner
RO
0b
13
Message Page
0 = Unformatted page
1 = Message page
RO
0b
12
Acknowledge 2
0 = Device cannot comply with message.
1 = Device will comply with message.
RO
0b
11
Toggle
0 = Previous value was HIGH.
1 = Previous value was LOW.
RO
0b
10:0
Message Code
Message/Unformatted Code Field
RO
000
0000
0000b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More