Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9252V/ML Fiches technique(PDF) 151 Page - Microchip Technology

No de pièce LAN9252V/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252V/ML Fiches technique(HTML) 151 Page - Microchip Technology

Back Button LAN9252V/ML Datasheet HTML 147Page - Microchip Technology LAN9252V/ML Datasheet HTML 148Page - Microchip Technology LAN9252V/ML Datasheet HTML 149Page - Microchip Technology LAN9252V/ML Datasheet HTML 150Page - Microchip Technology LAN9252V/ML Datasheet HTML 151Page - Microchip Technology LAN9252V/ML Datasheet HTML 152Page - Microchip Technology LAN9252V/ML Datasheet HTML 153Page - Microchip Technology LAN9252V/ML Datasheet HTML 154Page - Microchip Technology LAN9252V/ML Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 151
LAN9252
5
10BASE-T Half Duplex
This bit determines the advertised 10BASE-T half duplex capability.
0: 10BASE-T half duplex ability not advertised
1: 10BASE-T half duplex ability advertised
R/W
0b
4:0
Selector Field
This field identifies the type of message being sent by Auto-Negotiation.
00001: IEEE 802.3
R/W
00001b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More