Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN9252TI/ML Fiches technique(PDF) 173 Page - Microchip Technology

No de pièce LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Fiches technique(HTML) 173 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 169Page - Microchip Technology LAN9252TI/ML Datasheet HTML 170Page - Microchip Technology LAN9252TI/ML Datasheet HTML 171Page - Microchip Technology LAN9252TI/ML Datasheet HTML 172Page - Microchip Technology LAN9252TI/ML Datasheet HTML 173Page - Microchip Technology LAN9252TI/ML Datasheet HTML 174Page - Microchip Technology LAN9252TI/ML Datasheet HTML 175Page - Microchip Technology LAN9252TI/ML Datasheet HTML 176Page - Microchip Technology LAN9252TI/ML Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 173
LAN9252
2
INT2_MASK
This interrupt mask bit enables/masks the Parallel Detection fault interrupt.
0: Interrupt source is masked
1: Interrupt source is enabled
R/W
0b
1
INT1_MASK
This interrupt mask bit enables/masks the Auto-Negotiation page received
interrupt.
0: Interrupt source is masked
1: Interrupt source is enabled
R/W
0b
0
RESERVED
RO
-
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More