| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8994ECS/R Fiches technique(PDF) 270 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8994ECS/R Fiches technique(HTML) 270 Page - Cirrus Logic |
|
270 / 363 page ![]() WM8994 270 Rev 4.6 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R45 (2Dh) Output Mixer (1) 8 DAC1L_TO_HP OUT1L 0 HPOUT1LVOL (Left Headphone Output PGA) Input Select 0 = MIXOUTL 1 = DAC1L 7 MIXINR_TO_MI XOUTL 0 MIXINR Output (Right ADC bypass) to MIXOUTL Mute 0 = Mute 1 = Un-mute 6 MIXINL_TO_MI XOUTL 0 MIXINL Output (Left ADC bypass) to MIXOUTL Mute 0 = Mute 1 = Un-mute 5 IN2RN_TO_MIX OUTL 0 IN2RN to MIXOUTL Mute 0 = Mute 1 = Un-mute Note that VMID_BUF_ENA must be set when using the IN2RN input to MIXOUTL. 4 IN2LN_TO_MIX OUTL 0 IN2LN to MIXOUTL Mute 0 = Mute 1 = Un-mute Note that VMID_BUF_ENA must be set when using the IN2LN input to MIXOUTL. 3 IN1R_TO_MIXO UTL 0 IN1R PGA Output to MIXOUTL Mute 0 = Mute 1 = Un-mute 2 IN1L_TO_MIXO UTL 0 IN1L PGA Output to MIXOUTL Mute 0 = Mute 1 = Un-mute 1 IN2LP_TO_MIX OUTL 0 IN2LP to MIXOUTL Mute 0 = Mute 1 = Un-mute Note that VMID_BUF_ENA must be set when using the IN2LP input to MIXOUTL. 0 DAC1L_TO_MIX OUTL 0 Left DAC1 to MIXOUTL Mute 0 = Mute 1 = Un-mute Register 2Dh Output Mixer (1) REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R46 (2Eh) Output Mixer (2) 8 DAC1R_TO_HP OUT1R 0 HPOUT1RVOL (Right Headphone Output PGA) Input Select 0 = MIXOUTR 1 = DAC1R 7 MIXINL_TO_MI XOUTR 0 MIXINL Output (Left ADC bypass) to MIXOUTR Mute 0 = Mute 1 = Un-mute 6 MIXINR_TO_MI XOUTR 0 MIXINR Output (Right ADC bypass) to MIXOUTR Mute 0 = Mute 1 = Un-mute 5 IN2LN_TO_MIX OUTR 0 IN2LN to MIXOUTR Mute 0 = Mute 1 = Un-mute Note that VMID_BUF_ENA must be set when using the |