Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7MDT10-EMU3 Fiches technique(PDF) 123 Page - STMicroelectronics

No de pièce ST7MDT10-EMU3
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-EMU3 Fiches technique(HTML) 123 Page - STMicroelectronics

Back Button ST7MDT10-EMU3 Datasheet HTML 116Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 117Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 118Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 119Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 120Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 121Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 122Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 123Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
123/124
09-Oct-06
5
Removed QFN20 pinout and mechanical data.
Modified text in External Interrupt Function section in section 10.2.1 on page 42
Modified Table 24 on page 116 (and QFN20 rows in grey).
Added “External Clock Source” on page 91 and Figure 61 on page 91
Modified description of CNTR[11:0] bits in section 11.2.6 on page 56
Updated option list on page 116
Changed section 15.3 on page 117
19-Nov-07
6
Title of the document modified
Modified LOCKED bit description in section 8.4.4 on page 36
In Table 1 on page 7 and section 13.2.2 on page 82, note “negative injection not allowed on
PB0 and PB1 pins” replaced by “negative injection not allowed on PB1 pin”
Added QFN20 package pinout (with new QFN20 mechanical data): Figure 2 on page 6 and
Figure 86 on page 109
Modified section 8.4.4 on page 36
Removed one note in section 11.1.3.1 on page 49
Modified section 13.7 on page 93
Modified “PACKAGE MECHANICAL DATA” on page 109 (values in inches rounded to 4 dec-
imal digits)
Modified section 15.2 on page 114 (“Ordering information scheme” on page 115 added and
table removed) and option list on page 116
Removed “soldering information” section
Modified section 15.3.5 on page 117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More