Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST72F521R9TC Fiches technique(PDF) 129 Page - STMicroelectronics

No de pièce ST72F521R9TC
Description  80/64-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R9TC Fiches technique(HTML) 129 Page - STMicroelectronics

Back Button ST72F521R9TC Datasheet HTML 125Page - STMicroelectronics ST72F521R9TC Datasheet HTML 126Page - STMicroelectronics ST72F521R9TC Datasheet HTML 127Page - STMicroelectronics ST72F521R9TC Datasheet HTML 128Page - STMicroelectronics ST72F521R9TC Datasheet HTML 129Page - STMicroelectronics ST72F521R9TC Datasheet HTML 130Page - STMicroelectronics ST72F521R9TC Datasheet HTML 131Page - STMicroelectronics ST72F521R9TC Datasheet HTML 132Page - STMicroelectronics ST72F521R9TC Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 215 page
background image
ST72F521, ST72521B
129/215
10.8 CONTROLLER AREA NETWORK (CAN)
10.8.1 Introduction
This peripheral is designed to support serial data
exchanges using a multi-master contention based
priority scheme as described in CAN specification
Rev. 2.0 part A. It can also be connected to a 2.0 B
network without problems, since extended frames
are checked for correctness and acknowledged
accordingly although such frames cannot be trans-
mitted nor received. The same applies to overload
frames which are recognized but never initiated.
Figure 68. CAN Block Diagram
TX/RX
Buffer 1
10 Bytes
TX/RX
Buffer 2
10 Bytes
TX/RX
Buffer 3
10 Bytes
ID
Filter 0
4 Bytes
ID
Filter 1
4 Bytes
ST7 Interface
PSR
ICR
ISR
BRPR
CSR
TECR
RECR
CAN 2.0B passive Core
SHREG
BCDL
CRC
BTL
RX
TX
EML
ST7 Internal Bus
BTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More