Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSZ9567R Fiches technique(PDF) 112 Page - Microchip Technology

No de pièce KSZ9567R
Description  7-Port Gigabit Ethernet Switch with Audio Video Bridging and Two RGMII/MII/RMII Interfaces
PDF  233 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ9567R Fiches technique(HTML) 112 Page - Microchip Technology

Back Button KSZ9567R Datasheet HTML 108Page - Microchip Technology KSZ9567R Datasheet HTML 109Page - Microchip Technology KSZ9567R Datasheet HTML 110Page - Microchip Technology KSZ9567R Datasheet HTML 111Page - Microchip Technology KSZ9567R Datasheet HTML 112Page - Microchip Technology KSZ9567R Datasheet HTML 113Page - Microchip Technology KSZ9567R Datasheet HTML 114Page - Microchip Technology KSZ9567R Datasheet HTML 115Page - Microchip Technology KSZ9567R Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 233 page
background image
KSZ9567R
DS00002329E-page 112
 2022 Microchip Technology Inc. and its subsidiaries
5.1.5.10
ALU / Static Address Table Entry 1 Register
This register contains the table entry values for read and write operations to the Address Lookup Table and Static
Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following
sections:
• ALU Table Entry 1 Register on page 190
• Static Address Table Entry 1 Register on page 192
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 187 and Section 5.3.2, "Static Address Table," on
page 191 for additional information.
5.1.5.11
ALU / Static Address / Reserved Multicast Table Entry 2 Register
The field definitions of this register differ dependent on the table type used, as defined in the following sections:
• ALU Table Entry 2 Register on page 190
• Static Address Table Entry 2 Register on page 192
• Reserved Multicast Address Table Entry 2 Register on page 194
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 187, Section 5.3.2, "Static Address Table," on page 191,
and Section 5.3.3, "Reserved Multicast Address Table," on page 193 for additional information.
5.1.5.12
ALU / Static Address Table Entry 3 Register
The field definitions of this register differ dependent on the table type used, as defined in the following sections:
• ALU Table Entry 3 Register on page 191
• Static Address Table Entry 3 Register on page 193
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 187 and Section 5.3.2, "Static Address Table," on
page 191 for additional information.
5.1.5.13
ALU / Static Address Table Entry 4 Register
This register contains the table entry values for read and write operations to the Address Lookup Table and Static
Address Table. The field definitions of this register differ dependent on the table type used, as defined in the following
sections:
• ALU Table Entry 4 Register on page 191
• Static Address Table Entry 4 Register on page 193
Refer to Section 5.3.1, "Address Lookup (ALU) Table," on page 187 and Section 5.3.2, "Static Address Table," on
page 191 for additional information.
Address:
0x0420 - 0x0423
Size:
32 bits
Address:
0x0424 - 0x0427
Size:
32 bits
Address:
0x0428 - 0x042B
Size:
32 bits
Address:
0x042C - 0x042F
Size:
32 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More