| Moteur de recherche de fiches techniques de composants électroniques |
|
KSZ9567R Fiches technique(PDF) 213 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
KSZ9567R Fiches technique(HTML) 213 Page - Microchip Technology |
|
213 / 233 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00002329E-page 213 KSZ9567R 6.4.6 AUTO-NEGOTIATION TIMING Figure 6-11 illustrates the Auto-Negotiation timing requirements. FIGURE 6-11: AUTO-NEGOTIATION TIMING TABLE 6-10: AUTO-NEGOTIATION TIMING VALUES Symbol Description Min Typ Max Units tBTB FLP burst to FLP burst 8 16 24 ms tFLPW FLP burst width 2 ms tPW Clock/Data pulse width 100 ns tCTD Clock pulse to data pulse 55.5 64 69.5 s tCTC Clock pulse to clock pulse 111 128 139 s Number of clock/data pulses per burst 17 33 |