| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86FS49AIUG Fiches technique(PDF) 289 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AIUG Fiches technique(HTML) 289 Page - Toshiba Semiconductor |
|
289 / 296 page ![]() Page 273 TMP86FS49AIUG 22.7 Recommended Oscillating Conditions Note 1: To ensure stable oscillation, the resonator position, load capacitance, etc. must be appropriate. Because these factors are greatly affected by board patterns, please be sure to evaluate operation on the board on which the device will actually be mounted. Note 2: When using the device (oscillator) in places exposed to high electric fields such as cathode-ray tubes, we recommend electrically shielding the package in order to maintain normal operating condition. Note 3: The product numbers and specifications of the resonators by Murata Manufacturing Co., Ltd. are subject to change. For up-to-date information, please refer to the following URL: http://www.murata.com/ceralock/index.html XTIN XTOUT (2) Low-frequency Oscillation XIN XOUT C 1 C 2 (1) High-frequency Oscillation C 1 C 2 |