| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP86FS49AIUG Fiches technique(PDF) 243 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS49AIUG Fiches technique(HTML) 243 Page - Toshiba Semiconductor |
|
243 / 296 page ![]() Page 227 TMP86FS49AIUG It takes a maximum of 40 µs to set read protection in the flash memory. The next command sequence cannot be executed until this operation is completed. To check the completion of the read protect operation, perform read operations repeatedly for data polling until the same data is read twice from the same address in the flash memory. During the read protect operation, any attempts to read from the same address is reversed bit 6 of the data (toggling between 0 and 1). 19.3 Toggle Bit (D6) After the byte program, chip erase, and read protect command sequence is executed, any consecutive attempts to read from the same address is reversed bit 6 (D6) of the data (toggling between 0 and 1) until the operation is com- pleted. Therefore, this toggle bit provides a software mechanism to check the completion of each operation. Usually perform read operations repeatedly for data polling until the same data is read twice from the same address in the flash memory. After the byte program, chip erase, or read protect command sequence is executed, the initial read of the toggle bit always produces a "1". |