Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP86FS23UG Fiches technique(PDF) 210 Page - Toshiba Semiconductor

No de pièce TMP86FS23UG
Description  8 Bit Microcontroller
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP86FS23UG Fiches technique(HTML) 210 Page - Toshiba Semiconductor

Back Button TMP86FS23UG Datasheet HTML 206Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 207Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 208Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 209Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 210Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 211Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 212Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 213Page - Toshiba Semiconductor TMP86FS23UG Datasheet HTML 214Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 252 page
background image
Page 198
19. Serial PROM Mode
19.3 Serial PROM Mode Setting
TMP86FS23UG
19.3.4 Activating the Serial PROM Mode
The following is a procedure to activate the serial PROM mode. " Figure 19-4 Serial PROM Mode Timing "
shows a serial PROM mode timing.
1. Supply power to the VDD pin.
2. Set the RESET pin to low.
3. Set the TEST pin and BOOT/RXD pins to high.
4. Wait until the power supply and clock oscillation stabilize.
5. Set the RESET pin to high.
6. Input the matching data (5AH) to the BOOT/RXD pin after setup sequence. For details of the setup
timing, refer to " 19.16 UART Timing ".
Figure 19-4 Serial PROM Mode Timing
VDD
TEST(Input)
RESET(Input)
PROGRAM
Setup time for serial PROM mode (Rxsup)
High level setting
Matching data
don't care
Reset mode
Serial PROM mode
input
BOOT/RXD (Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More